Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC1750 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC1750 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC1750 Datasheet HTML 19Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 20Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 21Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 22Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 23Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 24Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 25Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 26Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 117 page
background image
ZSSC1750 / ZSSC1751 Datasheet
© 2016 Integrated Device Technology, Inc.
23
April 20, 2016
2.2.1
Digital I/Os
The digital I/O pins include the SPI interface pins, MCU clock, rest and interrupt pins, LIN UART pins (for
ZSSC1750 only), and watchdog timer disable pin.
All digital input pins of the ZSSC1750/51 feature a Schmitt trigger (see Figure 2.2-B), as well as configurable
pull-down resistors and protection diodes. The pull-down resistors have values specified by parameter 1.3.16.
They are enabled after power-on-reset and can be further controlled via the pullResEna register (see section
3.11.1.1).
All digital output pins of the ZSSC1750/51 have a push-pull stage and protection diodes connected as shown in
Figure 2.2-C.
All digital I/Os are supplied by the VDDP voltage, which is switched off when the ZSSC1750/51 is in the ULP or
OFF State (see section 2.3); i.e. the I/Os are also off in this state.
Note: In order to avoid parasitic supply of the digital I/O circuitry when the ZSSC1750/51 is in the ULP or OFF
State, the digital outputs of the external microcontroller should be disabled. This is valid when the external micro-
controller is not supplied by the ZSSC1750/51.
2.2.2
External Microcontroller (MCU) Supply Pins
The ZSSC1750/51 provides two separate regulators for the external microcontroller supply. The VDDP regulator
provides 3.3V, and VDDC provides 1.8V. Both voltages are switched off when the ZSSC1750/51 is in the ULP or
OFF State. For more information regarding the VDDP and VDDC regulators, including trimming options, refer to
sections 3.12.5 and 3.12.6. The current capability of the VDDP and VDDC pins is specified by parameters 1.3.11
and 1.3.13 respectively.
2.2.3
SLEEPN Power State Indicator Pin
The ZSSC1750/51 features a SLEEPN pin that indicates the power state of the ZSSC1750/51 (see section 2.3).
When the ZSSC1750/51 is in the full power (FP) state or low power (LP) state, the SLEEPN pin is HIGH; when
the state is ULP or OFF, SLEEPN is LOW. In order to remain powered in these states, the SLEEPN pin circuitry
is supplied by the VDDL regulator. When HIGH, the SLEEPN pin has a 1.8V output voltage level; the HIGH and
LOW levels are specified with parameters 1.3.20 and 1.3.21.
In the application, the SLEEPN pin can be connected to the external microcontroller (if it remains powered in
system Sleep Mode), or it can be used for disabling an external circuitry when the ZSSC1750/51 goes into one
of the power saving modes. Depending on the application specifics, an external buffer (e.g., a transistor) might
be needed for the SLEEPN pin for a proper level or current conditioning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com