Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS555C_IW Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CSS555C_IW
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C_IW Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CSS555C_IW Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 10Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 11Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
8
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Figure 15 – Astable Circuit (EP Mode)
Figure 16 – Astable Waveforms (EP Mode)
Free Running Oscillator Equations:
For standard supply voltages (VLOW Bit = 0)
Oscillator Period (tOSC) = 0.695 x (RA+2RB) x CTotal
Osc. Freq. (fOSC) = 1/tOSC = 1.44/[(RA+2RB) x CTotal]
Output Frequency = fOSC/Mult
where
CTotal = CT + CTI
CT = External timing capacitor
CTI = Internal 100pF timing capacitor
For low voltage mode (VLOW Bit = 1)
Oscillator Period (tOSC) = 2.197 x (RA+2RB) x CTotal
Osc. Freq. (fOSC) = 1/tOSC = 0.455/[(RA+2RB) x CTotal]
Output Frequency = fOSC/Mult
Duty Cycle = 50%
The
chart in
Figure
17
shows
nominal oscillator
frequencies for multiplier settings from 1 to 10
6 and resistor
values (RA+2RB) from 1K
to 10M . (The internal timing
capacitor, CTI, equals 100pF.
No external timing
capacitor.) The resulting frequencies range from less than
1Hz to 1MHz.
1
10
100
1000
10000
100000
1000000
1
10
100
1000
10000
100000
1000000
Frequency (Hz)
Figure 17 – Astable Frequency Chart (EP Mode)
EEPROM (Configuration Memory)
An internal EEPROM provides two bytes of nonvolatile
memory that stores the configuration information and the
100pF capacitor trim setting. The configuration bits control
the multiplier setting (1 to 10
6), the power setting (micro or
low) and the comparator trip levels (standard or low
voltage).
(See Tables 1A & 1B for more details.)
By
employing an internal EEPROM for configuration control,
the pin count and pin functions remain compatible with
existing 555 IC’s.
The EEPROM includes a high voltage generator.
No
special signal levels are required to Read or Write to it.
Access to the EEPROM is enabled by forcing the
CONTROL pin to GND. (This pin is normally left open and
an internal voltage divider holds it at ⅔VDD.)
With
CONTROL held at GND, the TRIGGER and RESET pins
are redefined to be SCLK (Serial Clock) and SDIN (Serial
Data In).
Data from the EEPROM can be read at the
OUTPUT pin. The interface is simple and straightforward.
It can support programming individual units or devices
installed in their application circuit. A detailed description
of the serial interface is provided in Application Note
AN555-1 (“CSS555C EEPROM Serial Interface”).
A
development
kit
is
available
and
provides
both
programming and evaluation capabilities.
It uses a
standard PC and one USB port. Please contact Custom
Silicon Solutions for more information.
The core EEPROM cell is a differential, floating gate circuit.
Like an SRAM, it features zero static current. Its output
data is valid whenever the supply voltage is above 1.0V. It
has excellent data retention and endurance characteristics.
Data retention is greater than 10 years at 85°C and its
endurance (maximum number of Store cycles) is greater
than 100,000 cycles. A typical Store operation can be
performed in less than 25 msec.
TRIGGER
OUTPUT
VCAP
0V
⅔ VDD
⅓ VDD
RESET
Mult = 10
RA+2RB =
10M
1M
100K
10K
1K
CT = 100pF
Green:
Low VDD
Blue:
Std. VDD
VDD
RA
Trigger
Output
Reset
CT
VDD
Dischg
Thresh
Control
CSS555C
VSS
Trigger
Output
Reset
Trigger
Output
Reset
RB
VTH
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com