Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS555C_IW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSS555C_IW
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C_IW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSS555C_IW Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C_IW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
1
Version 1.1, May 2009
css
Custom Silicon Solutions, Inc.
CSS555C
Micropower Timer (with Internal Timing Capacitor)
GENERAL PART DESCRIPTION
The CSS555C is a micropower version of the popular 555 timer IC. It features an operating current
under 5µA and a minimum supply voltage of 1.2V, making it ideal for battery-operated applications. A
six-decade programmable counter is included to allow generation of long timing delays. Configuration
data for the counter is held in EEPROM to maintain the standard pin count of eight. The analog circuits
are temperature compensated to provide excellent stability over a wide ambient temperature range. A
simple four-wire interface provides Read/Write access to the EEPROM. The CSS555C device includes
an internal precision timing capacitor (CTI). Its value is trimmed to 100pF ±1%.
Key Features
Pin Configuration
• Lowest power 555 timer (by > 10X)!
Active mode current < 5 µA
• Wide operating range
Wide supply range: 1.2V to 5.5V
Temperature range: -40°C to +85°C
• Internal 6 decade, programmable counter
Settings = 1, 10, 10
2, 103, 104, 105 & 106
Multiplies delay time by up to 10
6
Figure 1
Delay times from microseconds to days
• Internal 100pF, ±1% Timing Capacitor
Typical Application Circuit
User adjustable, 0.2pF resolution
• Pin-for-pin compatible with 555 series timers
Monostable or Astable operation
• Extremely low transient switching current
“Break-Before-Make” output driver
• Temperature stability – 0.005% per °C
Applications
• Portable & Battery-Powered Systems
Figure 2
• Precision Timing & Pulse Generation
• Ultra Long Period Delay Generation
Ordering Information
• Single Cell Battery Applications
Part Number
Package Description
• Ultra Low Power Timers
CSS555C-ID
8 pin plastic DIP
• Pulse Width Modulation
CSS555C-IS
8 pin plastic SOIC
• Low Cost, High Reliability Applications
See page 9 for more details and options.
Custom Silicon Solutions Inc.
17951 Sky Park Circle, Suite F
Irvine, CA 92614
(949) 797-9220 • FAX: (949) 797-9225 • www.CustomSiliconSolutions.com
GND
TRIGGER
OUTPUT
RESET
V+
DISCHARGE
THRESHOLD
CONTROL V
8
7
6
5
1
2
3
4
PDIP or SOIC
Long Period Delay Generator
VDD
RA
RB
Trigger
Output
Reset
Operating conditions:
RA = RB = 4.7M ,
Internal counter = 10
6 (maximum)
CINT = 100pF, Delay = 16.3 minutes
Average power = 7.5 µW at VDD = 3.0V
1
2
3
4
8
7
6
5


Similar Part No. - CSS555C_IW

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSS500 TDK-CSS500 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-12 TDK-CSS500-12 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-24 TDK-CSS500-24 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-30 TDK-CSS500-30 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-36 TDK-CSS500-36 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
More results

Similar Description - CSS555C_IW

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8212 BOARDCOM-BCM8212 Datasheet
119Kb / 1P
TRANSCEIVER WITH INTERNAL LOOP TIMING AND PHASE DETECTOR
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
Micropower Long Range Timer
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211_04 Datasheet
122Kb / 2P
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
Micropower uP Reset with Watchdog Timer
3510.2006.03.1.7
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
Micropower 關P Reset with Watchdog Timer
logo
Tyco Electronics
VTMA1 MACOM-VTMA1 Datasheet
211Kb / 1P
On-Delay Timing Module With Internal Potentiometer
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
30 internal interrupts: Watchdog timer. Timer
logo
Texas Instruments
BQ771800 TI1-BQ771800_16 Datasheet
875Kb / 23P
Internal Delay Timer
logo
Bothhand USA, LP.
ST1LF BOTHHAND-ST1LF Datasheet
186Kb / 2P
Input Filter With Internal Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com