Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8794 Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP8794 Datasheet HTML 2Page - MPS Industries, Inc. MP8794 Datasheet HTML 3Page - MPS Industries, Inc. MP8794 Datasheet HTML 4Page - MPS Industries, Inc. MP8794 Datasheet HTML 5Page - MPS Industries, Inc. MP8794 Datasheet HTML 6Page - MPS Industries, Inc. MP8794 Datasheet HTML 7Page - MPS Industries, Inc. MP8794 Datasheet HTML 8Page - MPS Industries, Inc. MP8794 Datasheet HTML 9Page - MPS Industries, Inc. MP8794 Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
6
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply current (shutdown)
IIN
VEN = 0V
10
20
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 0.62V
650
850
μA
MOSFET
HS switch on resistance
HSRDS(ON)
9
mΩ
LS switch on resistance
LSRDS(ON)
3
mΩ
Switch leakage
SWLKG_HS
VEN = 0V, VSW = 0V
0
10
μA
SWLKG_LS
VEN = 0V, VSW = 12V
0
30
Current Limit
Current limit threshold
VLIM
1.15
1.2
1.25
V
ICS to IOUT ratio
ICS/IOUT
IOUT
≥ 2A
9
10
11
μA/A
Low-side negative current limit
ILIM_NEG
-18
A
Negative current limit time out (8)
tNCL_Timer
200
ns
Switching Frequency
Switching frequency
fSW
MODE = AGND, IOUT = 0A,
VOUT = 1V at 25°C
450
600
750
kHz
MODE = 30.1k
Ω to AGND,
IOUT = 0A, VOUT = 1V at 25°C
650
800
950
kHz
MODE = 60.4k
Ω to AGND,
IOUT = 0A, VOUT = 1V at 25°C
800
1000
1200
kHz
Minimum on time (8)
tON_MIN
VFB = 500mV
50
ns
Minimum off time (8)
tOFF_MIN
VFB = 500mV
180
ns
Over-Voltage and Under-Voltage Protection (OVP, UVP)
OVP threshold
VOVP
113%
116%
119%
VREF
UVP threshold
VUVP
77%
80%
83%
VREF
Feedback Voltage and Soft Start
Feedback voltage
VREF
TJ = -40°C to +125°C
594
600
606
mV
TJ = 0°C to 70°C
597
600
603
mV
REF/TRK sourcing current
ITRACK_Source VREF/TRK = 0V
42
μA
REF/TRK sinking current
ITRACK_Sink
VREF/TRK = 1V
12
μA
Soft-start time
tREF/TRK
CTRACK = 1nF, TJ = 25°C
0.75
1
1.25
ms
Error Amplifier
Error amplifier offset
VOS
-3
0
+3
mV
Feedback current
IFB
VFB = REF
50
100
nA
Enable and UVLO
Enable input rising threshold
VIHEN
1.17
1.22
1.27
V
Enable hysteresis
VEN-HYS
200
mV
Enable input current
IEN
VEN = 2V
0
μA
Soft shutdown discharge FET
RON_DISCH
80
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com