Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8794 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP8794 Datasheet HTML 10Page - MPS Industries, Inc. MP8794 Datasheet HTML 11Page - MPS Industries, Inc. MP8794 Datasheet HTML 12Page - MPS Industries, Inc. MP8794 Datasheet HTML 13Page - MPS Industries, Inc. MP8794 Datasheet HTML 14Page - MPS Industries, Inc. MP8794 Datasheet HTML 15Page - MPS Industries, Inc. MP8794 Datasheet HTML 16Page - MPS Industries, Inc. MP8794 Datasheet HTML 17Page - MPS Industries, Inc. MP8794 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
14
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Figure 4 shows pulse skip mode operation
under light-load conditions. When VFB drops
below the superimposed COMP, the HS-FET
turns on for a fixed interval. When the HS-FET
turns off, the LS-FET turns on until the inductor
current reaches zero. In pulse skip mode
operation,
VFB
does
not
reach
the
superimposed COMP when the inductor current
approaches zero. The LS-FET driver swtiches
tri-state
(Hi-Z)
when
the
inductor
current
reaches zero.
A current modulator takes over the control of
the LS-FET and limits the inductor current to
below -1mA. Therefore, the output capacitors
discharge slowly to PGND through the LS-FET.
In a light-load condition, the HS-FET does not
turn on as frequently in pulse skip mode as it
does in forced CCM. As a result, the efficiency
in pulse skip mode is improved compared to
forced CCM operation.
PWM
REF
RAMP
FB
COMP
tON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 4: Pulse Skip in Light Load
As the output current increases from light load,
the time period during which the current
modulator regulates becomes shorter. The HS-
FET
turns
on
more
frequently,
and
the
switching frequency increases accordingly. The
output current reaches critical levels when the
current modulator time is zero. The critical level
of the output current can be determined with
Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L f
V

 
(1)
Where fSW is the switching frequency.
The MP8794 enters PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
The MP8794 can be configured to operate in
forced CCM, even in light-load conditions (see
Table 1).
Mode Selection
The
MP8794
provides
both
forced
CCM
operation and pulse skip mode operation in
light-load conditions. The MP8794 has three
selectable switching frequency options: 600kHz,
800kHz, and 1000kHz. Selecting the operation
mode and switching frequency under light-load
conditions is done by choosing the resistance
value of the resistor connected between MODE
and AGND or VCC (see Table 1).
Table 1: Mode Selection
Mode
Light-Load
Mode
Switching
Frequency
VCC
Pulse skip
600kHz
243kΩ (±20%)
to GND
Pulse skip
800kHz
121kΩ (±20%)
to GND
Pulse skip
1000kHz
GND
Forced CCM
600kHz
30.1kΩ (±20%)
to GND
Forced CCM
800kHz
60.4kΩ (±20%)
to GND
Forced CCM
1000kHz
Soft Start (SS)
The minimum soft-start time is 1ms; it can be
increased by adding an SS capacitor between
REF/TRK and VSNS-.
The total SS capacitor value can be determined
with Equation (2):
ss
SS
t (ms) 36 A
C (nF)
0.6(V)

(2)
Output Voltage Tracking and Reference
The MP8794 provides an analog input pin
(REF/TRK) to track another power supply or
accept an external reference. When an external
voltage signal is connected to REF/TRK, it acts
as a reference for the MP8794 output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com