Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB650GL Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650GL Datasheet(HTML) 1 Page - MPS Industries, Inc.

  NB650GL Datasheet HTML 1Page - MPS Industries, Inc. NB650GL Datasheet HTML 2Page - MPS Industries, Inc. NB650GL Datasheet HTML 3Page - MPS Industries, Inc. NB650GL Datasheet HTML 4Page - MPS Industries, Inc. NB650GL Datasheet HTML 5Page - MPS Industries, Inc. NB650GL Datasheet HTML 6Page - MPS Industries, Inc. NB650GL Datasheet HTML 7Page - MPS Industries, Inc. NB650GL Datasheet HTML 8Page - MPS Industries, Inc. NB650GL Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
NB650/NB650H
High-Effeciency, Fast-Transient, 6A, 28V
Synchronous Step-Down Converters with 2-Bit VID
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
1
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The NB650/NB650H is fully-integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converters with dynamic-output
–
voltage control. It offers a very compact solution
to achieve 6A of continuous output current over
a wide input supply range, and has excellent
load and line regulation. The NB650/NB650H
operates at high efficiency over a wide output-
current
–load range.
Constant-On-Time control mode provides fast
transient response and eases loop stabilization.
2-bit VID inputs support changing the output
voltage on-the-fly.
Full protection features include short-circuit
protection, over-current protection, over-voltage
protection,
under-voltage
protection,
and
thermal shut down.
The NB650/NB650H requires a minimal number
of
readily-available
standard
external
components, and is available in a space-saving
3mm×4mm QFN17 package.
FEATURES
 Wide 4.5V-to-28V Operating Input Range
 6A Output Current
 Internal 50mΩ High-Side, 18mΩ Low-Side
Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 1% Reference Voltage
 Programmable Soft-Start Time
 2-bit VID Input
 Soft Shutdown
 Frequency Programmable from 150kHz to
1MHz
 SCP, OCP, OVP, UVP, and Thermal
Shutdown
 Optional OCP Protection: Latch-Off Mode
(NB650) and Hiccup Mode (NB650H)
 Output Adjustable from 0.6V to 13V
 Available in QFN17 (3mm×4mm) Package
APPLICATIONS
Notebook Systems and I/O Power
Networking Systems
Digital Set Top Boxes
Flat-Panel Televisions and Monitors
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION (FOR NOTEBOOK)


Similar Part No. - NB650GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB650GL MPS-NB650GL Datasheet
681Kb / 20P
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
More results

Similar Description - NB650GL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
logo
Monolithic Power System...
MP8606 MPS-MP8606 Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
NB650H MPS-NB650H Datasheet
681Kb / 20P
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
logo
Linear Technology
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
logo
Exar Corporation
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
XR79206 EXAR-XR79206 Datasheet
2Mb / 19P
40V, 6A Synchronous Step-Down
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com