Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2 Datasheet(PDF) 99 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 94Page - STMicroelectronics PSD835G2 Datasheet HTML 95Page - STMicroelectronics PSD835G2 Datasheet HTML 96Page - STMicroelectronics PSD835G2 Datasheet HTML 97Page - STMicroelectronics PSD835G2 Datasheet HTML 98Page - STMicroelectronics PSD835G2 Datasheet HTML 99Page - STMicroelectronics PSD835G2 Datasheet HTML 100Page - STMicroelectronics PSD835G2 Datasheet HTML 101Page - STMicroelectronics PSD835G2 Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
99/102
PSD835G2
PART NUMBERING
Table 72. Ordering Information Scheme
Note: 1. The 3.3V ±10% devices are not covered by this datasheet, but by the PSD835G2V datasheet.
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
PSD8
3
5
G
2
–
90
U
I
T
Device Type
PSD8 = 8-bit PSD with Register Logic
SRAM Size
3 = 64 Kbit
Flash Memory Size
5 = 4 Mbit (512 Kb x8)
I/O Count
G = 52 I/O
2nd Flash Memory
2 = 256 Kbit (32 Kb x8) Flash Memory
Operating Voltage
blank = VCC = 4.5 to 5.5V
V(1) = VCC = 3.0 to 3.6V
Speed
70 = 70ns
90 = 90ns
Package
U = TQFP80
Temperature Range
blank = 0 to 70°C (Commercial)
I = –40 to 85°C (Industrial)
Shipping Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com