Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9027PRO Datasheet(PDF) 56 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 56 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 52Page - ESS Technology,Inc ES9027PRO Datasheet HTML 53Page - ESS Technology,Inc ES9027PRO Datasheet HTML 54Page - ESS Technology,Inc ES9027PRO Datasheet HTML 55Page - ESS Technology,Inc ES9027PRO Datasheet HTML 56Page - ESS Technology,Inc ES9027PRO Datasheet HTML 57Page - ESS Technology,Inc ES9027PRO Datasheet HTML 58Page - ESS Technology,Inc ES9027PRO Datasheet HTML 59Page - ESS Technology,Inc ES9027PRO Datasheet HTML 60Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
56
Register 41: GPIO OUTPUT ENABLE
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b1
1'b1
Bits
Mnemonic
Description
[7]
GPIO8_OE
•
1'b0: Tristate GPIO8 (default)
•
1'b1: GPIO8 Output Enable
[6]
GPIO7_OE
•
1'b0: Tristate GPIO7 (default)
•
1'b1: GPIO7 Output Enable
[5]
GPIO6_OE
•
1'b0: Tristate GPIO6 (default)
•
1'b1: GPIO6 Output Enable
[4]
GPIO5_OE
•
1'b0: Tristate GPIO5 (default)
•
1'b1: GPIO5 Output Enable
[3]
GPIO4_OE
•
1'b0: Tristate GPIO4 (default)
•
1'b1: GPIO4 Output Enable
[2]
GPIO3_OE
•
1'b0: Tristate GPIO3 (default)
•
1'b1: GPIO3 Output Enable
[1]
GPIO2_OE
•
1'b0: Tristate GPIO2
•
1'b1: GPIO2 Output Enable (default)
[0]
GPIO1_OE
•
1'b0: Tristate GPIO1
•
1'b1: GPIO1 Output Enable (default)
Register 42: GPIO INPUT
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b1
1'b1
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
GPIO8_SDB
•
1'b0: Disables GPIO8 input (default)
•
1'b1: Enables GPIO8 input
[6]
GPIO7_SDB
•
1'b0: Disables GPIO7 input (default)
•
1'b1: Enables GPIO7 input
[5]
GPIO6_SDB
•
1'b0: Disables GPIO6 input (default)
•
1'b1: Enables GPIO6 input
[4]
GPIO5_SDB
•
1'b0: Disables GPIO5 input (default)
•
1'b1: Enables GPIO5 input
[3]
GPIO4_SDB
•
1'b0: Disables GPIO4 input (default)
•
1'b1: Enables GPIO4 input
[2]
GPIO3_SDB
•
1'b0: Disables GPIO3 input (default)
•
1'b1: Enables GPIO3 input
[1]
GPIO2_SDB
•
1'b0: Disables GPIO2 input (default)
•
1'b1: Enables GPIO2 input
[0]
GPIO1_SDB
•
1'b0: Disables GPIO1 input (default)
•
1'b1: Enables GPIO1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com