Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9027PRO Datasheet(PDF) 65 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 65 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 61Page - ESS Technology,Inc ES9027PRO Datasheet HTML 62Page - ESS Technology,Inc ES9027PRO Datasheet HTML 63Page - ESS Technology,Inc ES9027PRO Datasheet HTML 64Page - ESS Technology,Inc ES9027PRO Datasheet HTML 65Page - ESS Technology,Inc ES9027PRO Datasheet HTML 66Page - ESS Technology,Inc ES9027PRO Datasheet HTML 67Page - ESS Technology,Inc ES9027PRO Datasheet HTML 68Page - ESS Technology,Inc ES9027PRO Datasheet HTML 69Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
65
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 62: BCK/WS MONITOR CONFIG
Bits
[7]
[6]
[5]
[4]
[3]
[2:0]
Default
1'b0
1'b0
1'b1
1'b1
1'b0
3'd0
Bits
Mnemonic
Description
[7]
DISABLE_DSD_DC
1'b0: DSD DC can trigger an automute if automute is enabled
(default)
1'b1: DSD DC is ignored.
[6]
DISABLE_DSD_MUTE
1'b0: DSD mute pattern can trigger an automute is auotmute is
enabled (default)
1'b1: DSD mute pattern is ignored.
[5]
ENABLE_WS_MONITOR
Enable WS monitor.
1'b0: Disable
1'b1: Enable (default)
[4]
ENABLE_BCK_MONITOR
Enable BCK monitor.
1'b0: Disable (default)
1'b1: Enable
[3]
DISABLE_PCM_DC
1'b0: PCM DC signal can trigger an automute if automute is enabled.
1'b1: PCM DC is ignored.
[2:0]
RESERVED
NA
Register 63: RESERVED
Register 64: TDM CH1 CONFIG
Bits
[7]
[6:5]
[4:0]
Default
1'b0
2'd0
5'd0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6:5]
TDM_CH1_LINE_SEL
CH1 data line selection. CH1 receives data from Nth line.
N = TDM_CH1_LINE_SEL + 1.
Note: Valid for TDM, PCM and DoP.
[4:0]
TDM_CH1_SLOT_SEL
CH1 data slot selection. CH1 receives data from Mth slot.
M = TDM_CH1_SLOT_SEL + 1.
Note: Valid for TDM, PCM and DoP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com