Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9033QT Datasheet(PDF) 46 Page - ESS Technology,Inc

Part # ES9033QT
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033QT Datasheet(HTML) 46 Page - ESS Technology,Inc

Back Button ES9033QT Datasheet HTML 42Page - ESS Technology,Inc ES9033QT Datasheet HTML 43Page - ESS Technology,Inc ES9033QT Datasheet HTML 44Page - ESS Technology,Inc ES9033QT Datasheet HTML 45Page - ESS Technology,Inc ES9033QT Datasheet HTML 46Page - ESS Technology,Inc ES9033QT Datasheet HTML 47Page - ESS Technology,Inc ES9033QT Datasheet HTML 48Page - ESS Technology,Inc ES9033QT Datasheet HTML 49Page - ESS Technology,Inc ES9033QT Datasheet HTML 50Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
46
Register Listings
System Registers
Register 0: SYSTEM CONFIG
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1’b0
1’b0
1’b1
1’b1
1’b1
1’b1
1’b0
1’b0
Bits
Mnemonic
Description
[7]
SOFT_RESET
Performs soft reset to digital core except for the PLL
Registers
6]
ENABLE_2X_MODE
Enables 2x mode for 768k sample rate.
•
1’b0: 2x mode disabled (default)
•
1’b1: 2x mode enabled
[5]
ENABLE_ANALOG_DAC_CH2
Enables ch2 analog DAC.
•
1’b0: Disabled
•
1’b1: Enabled (default)
[4]
ENABLE_ANALOG_DAC_CH1
Enables ch1 analog DAC.
•
1’b0: Disabled
•
1’b1: Enabled (default)
[3]
ENABLE_NSMOD
Enables nsmod clock.
•
1’b0: Clock disabled
•
1’b1: Clock enabled (default)
[2]
ENABLE_DAC
Enables DAC interpolation path clock.
•
1’b0: Clock disabled
•
1’b1: Clock enabled (default)
[1]
AMP_MODE_REG
Sets system mode.
•
1’b0: Power Down (default)
•
1’b1: HIFI
[0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com