Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9033QT Datasheet(PDF) 76 Page - ESS Technology,Inc

Part # ES9033QT
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033QT Datasheet(HTML) 76 Page - ESS Technology,Inc

Back Button ES9033QT Datasheet HTML 72Page - ESS Technology,Inc ES9033QT Datasheet HTML 73Page - ESS Technology,Inc ES9033QT Datasheet HTML 74Page - ESS Technology,Inc ES9033QT Datasheet HTML 75Page - ESS Technology,Inc ES9033QT Datasheet HTML 76Page - ESS Technology,Inc ES9033QT Datasheet HTML 77Page - ESS Technology,Inc ES9033QT Datasheet HTML 78Page - ESS Technology,Inc ES9033QT Datasheet HTML 79Page - ESS Technology,Inc ES9033QT Datasheet HTML 80Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
76
Register 69: SOFT RAMP CONFIG
Bits
[7]
[6]
[5]
[4:0]
Default
1’b0
1’b0
1’b0
5’d2
Bits
Mnemonic
Description
[7]
GAIN_18DB_CH2
Applies +18dB digital gain on channel 2.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[6]
GAIN_18DB_CH1
Applies +18dB digital gain on channel 1.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[5]
SOFT_RAMP_TYPE
Sets whether the soft start ramp is linear or quadratic
•
1’b0: Uses a quadratic function for the soft start ramp
(default)
•
1’b1: Uses the standard soft start ramp
[4:0]
SOFT_RAMP_TIME
Sets the amount of time that it takes to perform a soft start
ramp.
Valid from 0 to 20 (inclusive).
•
5’d00: Minimum
•
5’d02: Default
•
5’d20: Maximum
Register 72-70: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com