Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9820 Datasheet(PDF) 85 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 85 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 81Page - ESS Technology,Inc ES9820 Datasheet HTML 82Page - ESS Technology,Inc ES9820 Datasheet HTML 83Page - ESS Technology,Inc ES9820 Datasheet HTML 84Page - ESS Technology,Inc ES9820 Datasheet HTML 85Page - ESS Technology,Inc ES9820 Datasheet HTML 86Page - ESS Technology,Inc ES9820 Datasheet HTML 87Page - ESS Technology,Inc ES9820 Datasheet HTML 88Page - ESS Technology,Inc ES9820 Datasheet HTML 89Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
85
ES9820 Product Datasheet
Register 105: ADC CH1 PEAK DETECTOR CONFIG
Bits
[7]
[6:2]
[1]
[0]
Default
-
5'd0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
ADC1_LOCK_PEAK
Locks the stored value of the peak detector for reading back.
•
1'b0: Stored value is allowed to update (default)
•
1'b1: Stored value is locked
[6:2]
ADC1_DECAY_RATE
Sets the speed at which the stored value of the peak detector
will decay when the input signal is below the stored value.
•
5'd63 = Slowest decay
•
5'd0 = Instant decay (default)
[1]
RESERVED
NA
[0]
ADC1_ENABLE_PEAK_DETECT
Enables the ADC signal peak detector.
•
1'b0: Disabled (default)
•
1'b1: Enabled
Register 106: ADC CH1 PEAK DETECTOR LEVEL
Bits
[7:0]
Default
8'hFF
Bits
Mnemonic
Description
[7:0]
ADC1_CLIP_LEVEL
Threshold value of the clip detector. Valid from 8'hff (0dB) to
8'h01 (-42dB).
Register 108-107: ADC CH1 DC OFFSET
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
ADC1_DC_OFFSET
ADC DC offset. Signed. Shift right 1 bit corresponds to -6dB.
Positive offset is valid from 16'h7FFF (-30dB) to 16'h0001 (-
114dB).
Negative offset is valid from 16'h8000 (-30dB) to 16'hFFFF (-
114dB).
16'h0000 corresponds to zero offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com