Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9820 Datasheet(PDF) 14 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 14 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 10Page - ESS Technology,Inc ES9820 Datasheet HTML 11Page - ESS Technology,Inc ES9820 Datasheet HTML 12Page - ESS Technology,Inc ES9820 Datasheet HTML 13Page - ESS Technology,Inc ES9820 Datasheet HTML 14Page - ESS Technology,Inc ES9820 Datasheet HTML 15Page - ESS Technology,Inc ES9820 Datasheet HTML 16Page - ESS Technology,Inc ES9820 Datasheet HTML 17Page - ESS Technology,Inc ES9820 Datasheet HTML 18Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
14
Pre-Programmed Digital Filters
The ES9820 has 8 pre-programmed digital filters. The following table shows the measured latency of each filter at varying sample rates.
Digital Filter
Delay(us) @
fs=44.1kHz
Delay(us) @
fs=176.4kHz
Minimum phase (default)
109us
25.1us
Linear Phase Apodizing
771us
193.8us
Linear Phase Fast Roll-Off
774us
194.5us
Linear Phase Fast Roll-Off Low Ripple
765us
192.4us
Linear Phase Slow Roll-Off
150.3us
38.52us
Minimum Phase fast roll-off
96.17us
21.96us
Minimum Phase slow roll-off
69.86us
16.87us
Minimum Phase Slow roll-off low dispersion
293.4us
74.18us
Table 4 - Pre-Programmed Digital Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com