Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9822PRO Datasheet(PDF) 73 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 73 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 69Page - ESS Technology,Inc ES9822PRO Datasheet HTML 70Page - ESS Technology,Inc ES9822PRO Datasheet HTML 71Page - ESS Technology,Inc ES9822PRO Datasheet HTML 72Page - ESS Technology,Inc ES9822PRO Datasheet HTML 73Page - ESS Technology,Inc ES9822PRO Datasheet HTML 74Page - ESS Technology,Inc ES9822PRO Datasheet HTML 75Page - ESS Technology,Inc ES9822PRO Datasheet HTML 76Page - ESS Technology,Inc ES9822PRO Datasheet HTML 77Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
73
ES9822 PRO Product Datasheet
Register 67: ADC CH1B CONFIG 1
Bits
[7:4]
[3]
[2]
[1]
[0]
Default
4'd0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:4]
ADC_INT_SEL_CH1B
ADC Integrator Control
Program to 4'b1011 for optimum performance
[3]
ADC_EN_FB_CH1B
Enable ADC 1B feedback path, active high
1'b0: Disabled (default)
1'b1: Enabled
[2]
RESERVED
NA
[1]
ADC_EN_INT_CH1B
Enable for INT for Channel 1B. Default is 0, INT is not
enabled.
Set to 1'b1 to enable.
[0]
ADC_EN_CH1B
Enable for Comparator and logic for Channel 1B. Default is 0,
Comparator and logic are not enabled
Set to 1'b1 to enable.
Register 68: ADC CH1B CONFIG 2
Bits
[7:5]
[4:3]
[2]
[1]
[0]
Default
3'd0
2'd0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:5]
ADC_COMP_SEL_CH1B
Sets the gain of Comparator of Channel 1B.
Program to 3'b001 for optimum performance
[4:3]
ADC_SUM_SEL_CH1B
Sets the bandwidth of the summing amplifier for Channel 1B.
Program to 2'b11 for optimum performance
[2]
ADC_USE_DITHER_EXT_CH1B
Enable the external dither for Channel 1B.
Default value is 0.
[1]
ADC_USE_DITHER_CH1B
Enable the dither for Channel 1B.
Default value is 0, dither is not enabled
[0]
ADC_USE_STATE_CH1B
Use state as logic output for Channel 1B.
Program to 1'b1 for optimum performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com