Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9822PRO Datasheet(PDF) 98 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 98 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 94Page - ESS Technology,Inc ES9822PRO Datasheet HTML 95Page - ESS Technology,Inc ES9822PRO Datasheet HTML 96Page - ESS Technology,Inc ES9822PRO Datasheet HTML 97Page - ESS Technology,Inc ES9822PRO Datasheet HTML 98Page - ESS Technology,Inc ES9822PRO Datasheet HTML 99Page - ESS Technology,Inc ES9822PRO Datasheet HTML 100Page - ESS Technology,Inc ES9822PRO Datasheet HTML 101Page - ESS Technology,Inc ES9822PRO Datasheet HTML 102Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
98
Register 130: ADC CH2 PROG FILTER AND IIR BANDWIDTH
Bits
[7:5]
[4:2]
[1]
[0]
Default
3'd4
3'd0
1'b0
1'b0
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4:2]
ADC2_FILTER_SHAPE
Selects the 8x decimation FIR filter shape.
3'd0: Minimum phase (default)
3'd1: Linear phase apodizing
3'd2: Linear phase fast roll-off
3'd3: Linear phase fast roll-off low ripple
3'd4: Linear phase slow roll-off
3'd5: Minimum phase fast roll-off
3'd6: Minimum phase slow roll-off
3'd7: Minimum phase slow roll-off low dispersion
[1]
ADC2_PROG_COEFF_WRITE_EN
Enables writing to the programmable coefficient RAM.
1'b0: Disables write signal to the coefficient RAM
(default)
1'b1: Enables write signal to the coefficient RAM.
[0]
ADC2_PROG_COEFF_EN
Enables the custom decimation filter coefficients.
1'b0: Uses a built-in filter selected by FILTER_SHAPE
(default)
1'b1: Uses the coefficients programmed via
PROG_COEFF_IN
Register 131: ADC CH2 PROG FILTER COEFF ADDR
Bits
[7]
[6:0]
Default
1'b0
7'd0
Bits
Mnemonic
Description
[7]
ADC2_PROG_COEFF_STAGE
Selects which stage of the filter to write.
1'b0: Selects stage 1 of the decimation filter DFir_4x
(default)
1'b1: Selects stage 2 of the decimation filter DFir_2x
[6:0]
ADC2_PROG_COEFF_ADDR
Selects the coefficient address when writing custom
coefficients for the decimation filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com