Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE9006AS Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 12Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 13Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 14Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 15Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 16Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 17Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 18Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 19Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
16
Register #27-24: Master Trim
(default = 32’h7FFFFFFF)
This is a 32 bit value that sets the 0dB level for all volume controls. This is a signed number, so it should never exceed
32'h7fffffff (which is 231 - 1). Register 27contains the MSBs, Register 24 contains the LSBs.
Register #64: DAC Status
[7:5]: Chip_id
Returns
3’d4 (SABRE9006A)
[3:2]: Reserved
[1]: Automute_status
1'b1 => Auto-mute condition is active.
1'b0 => Auto-mute condition is inactive.
[0]: Lock_status
1'b1 => The Jitter Eliminator is locked to an incoming signal.
1'b0 => The Jitter Eliminator is not locked to an incoming signal.
Register #69-66: DPLL_NUM
32-bit, Read-Only Register. Register 69 contains the MSBs, Register 66 contains the LSBs
This is a read-only 32-bit value that can be used to calculate the sample rate. The sample rate (Fin) can be calculated using:
Fin = (DPLL_NUM x FMCLK) / 232.
Register #93-70
Register 93 contains the MSBs, Register 70 contains the LSBs. Format is [191:0]
These registers allow read back of the SPDIF channel status. The status definition is different for the consumer configuration
and professional configuration. Please refer to the following two tables for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com