Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABRE9006AS Datasheet(PDF) 22 Page - ESS Technology,Inc

Part # SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Datasheet(HTML) 22 Page - ESS Technology,Inc

Back Button SABRE9006AS Datasheet HTML 18Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 19Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 20Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 21Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 22Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 23Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 24Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 25Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 26Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
CONFIDENTIAL INFORMATION Rev. 1.2
May 4, 2020
SABRE9006ADatasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
22
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1.
TA=25oC, AVCC=3.3V, DVCC=1.2V, fs =44.1kHz, MCLK=27MHz and 24-bit data
2.
SNR/DNR: A-weighted over 20Hz-20kHz in averaging mode
3.
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
MCLK (Note: fs=DATACLK/64 in DSD mode)
Serial/DSD in
192
4096
fs
SPDIF in
386
4096
fs
DYNAMIC PERFORMANCE
DNR
–60dBFS
120
dB-A
THD+N
0dBFS
–102
dB
PCM sampling frequency (fs)
200
kHz
ANALOG OUTPUT
Differential (+ or
–) voltage output range
Full-scale out
3.05
(0.924 x
AVCC)
Vp-p
Differential (+ or
–) voltage output offset
Bipolar zero out
1.65
(AVCC/2)
V
Differential (+ or
–) current output range
(Note *1)
Full-scale out
3.656
mAp-p
Differential (+ or
–) current output offset
(Note *1)
Bipolar zero out to
virtual ground at
voltage Vg (V)
2.112
– 1000 x
Vg/ 834
mA
Digital Filter Performance
De-emphasis error
0.2
dB
Mute Attenuation
127
dB
PCM Filter Characteristics (Sharp Roll Off)
Pass band
0.0dB
0.454fs
Hz
–3dB
0.49fs
Hz
Stop band
<
–100dB
0.546fs
Hz
Group Delay
35/fs
s
PCM Filter Characteristics (Slow Roll Off)
Pass band
0.05dB
0.308fs
Hz
–3dB
0.454fs
Hz
Stop band
<
–100dB
0.814fs
Hz
Group Delay
6.25/fs
s
DSD Filter Characteristics
Pass band
–3dB
1.1338fs
Hz
Stop band attenuation
18
dB/oct
Note
*1. Differential (+ or
–) current output is equivalent to a differential (+ or –) voltage source in series with an 834
11%
resistor. The differential (+ or
–) voltage source has a peak-to-peak output range of (0.924 x AVCC) = 3.05V and an
output offset of (AVCC/2) = 1.65V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com