Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C51RA2-3CSCL Datasheet(PDF) 45 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 45 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 41Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 42Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 43Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 44Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 45Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 46Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 47Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 48Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 49Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
45
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 6-14. Power-Down Exit Waveform
Exit from power-down by reset redefines all the SFRs, exit from power-down by external inter-
rupt does no affect the SFRs.
Exit from power-down by either reset or external interrupt does not affect the internal RAM
content.
Note:
If idle mode is activated with power-down mode (IDL and PD bits set), the exit sequence is
unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and idle mode is
not entered.
Table 6-20.
The state of ports during idle and power-down mode
* Port 0 can force a "zero" level. A "one" will leave port floating.
INT1
INT0
XTAL1
Power-down phase
Oscillator restart phase
Active phase
Active phase
Mode
Program
Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Port Data*
Port Data
Port Data
Port Data
Idle
External
1
1
Floating
Port Data
Address
Port Data
Power-down
Internal
0
0
Port Data*
Port Data
Port Data
Port Data
Power-down
External
0
0
Floating
Port Data
Port Data
Port Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com