Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C51RA2-3CSCL Datasheet(PDF) 48 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 48 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 44Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 45Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 46Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 47Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 48Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 49Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 50Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 51Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 52Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
48
4188E–8051–08/06
AT/TS8xC51Rx2
6.9
ONCETM Mode (ON Chip Emulation)
The ONCE mode facilitates testing and debugging of systems using TS8xC51Rx2 without
removing the circuit from the board. The ONCE mode is invoked by driving certain pins of the
TS80C51Rx2; the following sequence must be exercised:
• Pull ALE low while the device is in reset (RST high) and PSEN is high.
• Hold ALE low as RST is deactivated.
While the TS80C51Rx2 is in ONCE mode, an emulator or test CPU can be used to drive the cir-
cuit Table 26. shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 6-23.
External Pin Status during ONCE Mode
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
XTAL1/2
Weak pull-up
Weak pull-up
Float
Weak pull-up
Weak pull-up
Weak pull-up
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com