Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10P10F6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD10P10F6
Description  P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10P10F6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD10P10F6 Datasheet HTML 2Page - STMicroelectronics STD10P10F6 Datasheet HTML 3Page - STMicroelectronics STD10P10F6 Datasheet HTML 4Page - STMicroelectronics STD10P10F6 Datasheet HTML 5Page - STMicroelectronics STD10P10F6 Datasheet HTML 6Page - STMicroelectronics STD10P10F6 Datasheet HTML 7Page - STMicroelectronics STD10P10F6 Datasheet HTML 8Page - STMicroelectronics STD10P10F6 Datasheet HTML 9Page - STMicroelectronics STD10P10F6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3
Test circuits
Figure 12. Switching times test circuit for resistive load
Figure 13. Gate charge test circuit
Figure 14. Test circuit for inductive load switching and diode recovery times
STD10P10F6
Test circuits
DS10343 - Rev 3
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com