Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10P10F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD10P10F6
Description  P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10P10F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STD10P10F6 Datasheet HTML 1Page - STMicroelectronics STD10P10F6 Datasheet HTML 2Page - STMicroelectronics STD10P10F6 Datasheet HTML 3Page - STMicroelectronics STD10P10F6 Datasheet HTML 4Page - STMicroelectronics STD10P10F6 Datasheet HTML 5Page - STMicroelectronics STD10P10F6 Datasheet HTML 6Page - STMicroelectronics STD10P10F6 Datasheet HTML 7Page - STMicroelectronics STD10P10F6 Datasheet HTML 8Page - STMicroelectronics STD10P10F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 3. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = -250 μA
-100
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = -100 V
-1
µA
VGS = 0 V, VDS = -100 V, TC = 125 °C(1)
-10
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-2
-4
V
RDS(on)
Static drain-source on- resistance VGS = -10 V, ID = -5 A
0.136
0.18
Ω
1. Defined by design, not subject to production test.
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -80 V, f = 1 MHz, VGS = 0 V
-
864
-
pF
Coss
Output capacitance
-
45
-
pF
Crss
Reverse transfer capacitance
-
25
-
pF
Qg
Total gate charge
VDD = -80 V, ID = -10 A, VGS = -10 V
(see Figure 13. Gate charge test circuit)
-
16.5
-
nC
Qgs
Gate-source charge
-
3.5
-
nC
Qgd
Gate-drain charge
-
3.8
-
nC
Table 5. Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = -80 V, ID = -5 A, RG = 4.7 Ω,
VGS = -10 V (see Figure 12. Switching
times test circuit for resistive load)
-
10.5
-
ns
tr
Rise time
-
4.8
-
ns
td(off)
Turn-off delay time
-
24
-
ns
tf
Fall time
-
4.5
-
ns
Table 6. Source drain-diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD (1)
Forward on voltage
ISD = -5 A, VGS = 0 V
-
-1.1
V
trr
Reverse recovery time
ISD = -10 A, di/dt = 100 A/µs, VDD = -80 V
(see Figure 14. Test circuit for inductive
load switching and diode recovery times)
-
26.5
ns
Qrr
Reverse recovery charge
-
36.5
nC
IRRM
Reverse recovery current
-
-2.7
A
1. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STD10P10F6
Electrical characteristics
DS10343 - Rev 3
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com