Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L010RB Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 66Page - STMicroelectronics STM32L010RB Datasheet HTML 67Page - STMicroelectronics STM32L010RB Datasheet HTML 68Page - STMicroelectronics STM32L010RB Datasheet HTML 69Page - STMicroelectronics STM32L010RB Datasheet HTML 70Page - STMicroelectronics STM32L010RB Datasheet HTML 71Page - STMicroelectronics STM32L010RB Datasheet HTML 72Page - STMicroelectronics STM32L010RB Datasheet HTML 73Page - STMicroelectronics STM32L010RB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
Electrical characteristics
STM32L010RB
70/89
DS12319 Rev 3
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 20 and
Table 50, respectively.
Unless otherwise specified, the parameters given in Table 50 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 15.
Table 50. I/O AC characteristics(1)(2)
OSPEEDRx
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min Max(3) Unit
00
fmax(IO)out Maximum frequency(4)
CL = 50 pF,
VDD = 2.7 V to 3.6 V
-400
KHz
CL = 50 pF,
VDD = 1.8 V to 2.7 V
-100
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF,
VDD = 2.7 V to 3.6 V
-125
ns
CL = 50 pF,
VDD = 1.8 V to 2.7 V
-320
01
fmax(IO)out Maximum frequency(4)
CL = 50 pF,
VDD = 2.7 V to 3.6 V
-2
MHz
CL = 50 pF,
VDD = 1.8 V to 2.7 V
-0.6
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF,
VDD = 2.7 V to 3.6 V
-30
ns
CL = 50 pF,
VDD = 1.8 V to 2.7 V
-65
10
Fmax(IO)out Maximum frequency(4)
CL = 50 pF,
VDD = 2.7 V to 3.6 V
-10
MHz
CL = 50 pF,
VDD = 1.8 V to 2.7 V
-2
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF,
VDD = 2.7 V to 3.6 V
-13
ns
CL = 50 pF,
VDD = 1.8 V to 2.7 V
-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com