Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L010RB Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 10Page - STMicroelectronics STM32L010RB Datasheet HTML 11Page - STMicroelectronics STM32L010RB Datasheet HTML 12Page - STMicroelectronics STM32L010RB Datasheet HTML 13Page - STMicroelectronics STM32L010RB Datasheet HTML 14Page - STMicroelectronics STM32L010RB Datasheet HTML 15Page - STMicroelectronics STM32L010RB Datasheet HTML 16Page - STMicroelectronics STM32L010RB Datasheet HTML 17Page - STMicroelectronics STM32L010RB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
Functional overview
STM32L010RB
14/89
DS12319 Rev 3
•
Stop mode without RTC
The Stop mode achieves the lowest power consumption while retaining the RAM and
register contents. All clocks are stopped. The PLL, MSI RC, HSI and LSI RC, HSE and
LSE crystal oscillator are disabled.
Some peripherals featuring wakeup capability can enable the HSI RC during Stop
mode to detect their wakeup condition.
The voltage regulator is in Low-power mode. The device can be woken up from Stop
mode by any of the EXTI line. In 3.5 µs, the processor serves the interrupt or resume
the code. The EXTI line source can be any GPIO. It can also be wakened by the
USART/I2C/LPUART/LPTIM wakeup events.
•
Standby mode with RTC
The Standby mode is used to achieve the lowest power consumption and real time
clock. The internal voltage regulator is switched off so that the entire VCORE domain is
powered off. The PLL, MSI RC, HSE and HSI RC oscillators are also switched off. The
LSE or LSI is still running. After entering Standby mode, the RAM and register contents
are lost except for registers in the Standby circuitry (wakeup logic, IWDG, RTC, LSI,
LSE Crystal 32 kHz oscillator, RCC_CSR register).
The device exits Standby mode in 60 µs when an external reset (NRST pin), an IWDG
reset, a rising edge on one of the three WKUP pins, RTC alarm (Alarm A or Alarm B),
RTC tamper event, RTC timestamp event or RTC wakeup event occurs.
•
Standby mode without RTC
The Standby mode is used to achieve the lowest power consumption. The internal
voltage regulator is switched off so that the entire VCORE domain is powered off. The
PLL, MSI RC, HSI and LSI RC, HSE and LSE crystal oscillator are also switched off.
After entering Standby mode, the RAM and register contents are lost except for
registers in the Standby circuitry (wakeup logic, IWDG, RTC, LSI, LSE Crystal 32 kHz
oscillator, RCC_CSR register).
The device exits Standby mode in 60 µs when an external reset (NRST pin) or a rising
edge on one of the three WKUP pin occurs.
Note:
The RTC, the IWDG, and the corresponding clock sources are not stopped automatically by
entering Stop or Standby mode.
For power supply voltage range 1.8 V-2.0 V, CPU frequency changes from initial to final
must respect the condition: fCPU initial <4fCPU initial. It must also respect 5 µs delay between
two changes. For example, switch from 4.2 MHz to 32 MHz can be split in switch from
4.2 MHz to 16 MHz, wait 5 µs, then switch from 16 MHz to 32 MHz.
Table 2. CPU frequency range depending on dynamic voltage scaling
CPU frequency range (number of wait state)
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws) - 32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws) - 32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com