Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA29 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MPSA29
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MPSA29 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MPSA29 Datasheet HTML 1Page - Nanjing International Group Co MPSA29 Datasheet HTML 2Page - Nanjing International Group Co MPSA29 Datasheet HTML 3Page - Nanjing International Group Co MPSA29 Datasheet HTML 4Page - Nanjing International Group Co MPSA29 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CES
IC=0.1mA,VBE=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA,IC=0
12
V
Collector cut-off current
ICBO
VCB=80V,IE=0
0.1
μA
Collector cut-off current
ICES
VCE=80V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=10V,IC=0
0.1
μA
hFE(1)
*
VCE=5V, IC=10mA
10000
DC current gain
hFE(2)
*
VCE=5V, IC=100mA
10000
VCE(sat)(1)
*
IC=10mA,IB=0.01mA
1.2
V
Collector-emitter saturation voltage
VCE(sat)(2)
*
IC=100mA,IB=0.1mA
1.5
V
Base-emitter voltage
VBE
*
VCE=5V,IC=100mA
2.0
V
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
125
MHz
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
8
pF
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com