Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA29 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # MPSA29
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MPSA29 Datasheet(HTML) 3 Page - Nanjing International Group Co

  MPSA29 Datasheet HTML 1Page - Nanjing International Group Co MPSA29 Datasheet HTML 2Page - Nanjing International Group Co MPSA29 Datasheet HTML 3Page - Nanjing International Group Co MPSA29 Datasheet HTML 4Page - Nanjing International Group Co MPSA29 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
1
10
0.1
1
10
100
200
400
600
800
1000
1200
1400
1600
1800
2000
1
10
100
0
25
50
75
100
125
150
0
125
250
375
500
625
750
875
1000
110
100
200
400
600
800
1000
1200
1400
1600
1800
2000
1
10
100
200
300
400
500
600
700
800
900
1000
1100
1200
10
100
10
100
1000
10000
100000
1000000
01
23
456
78
9
10
11
12
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
REVERSE VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
30
BASE-EMMITER VOLTAGE
V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=5V
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
——
COLLECTOR CURRENT
I
C
(mA)
β=1000
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
β=1000
500
500
500
500
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE=5V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
20uA
18uA
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I
B=2uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com