Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1405708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1405708
Description  FOC-ST:A-SC:A-GZ01/... - FO patch cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1405708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1405708 Datasheet HTML 1Page - PHOENIX CONTACT 1405708 Datasheet HTML 2Page - PHOENIX CONTACT 1405708 Datasheet HTML 3Page - PHOENIX CONTACT 1405708 Datasheet HTML 4Page - PHOENIX CONTACT 1405708 Datasheet HTML 5Page - PHOENIX CONTACT 1405708 Datasheet HTML 6Page - PHOENIX CONTACT 1405708 Datasheet HTML 7Page - PHOENIX CONTACT 1405708 Datasheet HTML 8Page - PHOENIX CONTACT 1405708 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
External cable diameter
2 mm (Zip cord)
Outer sheath, material
LSZH
External sheath, color
orange
Wire diameter incl. insulation
900 µm
Individual wire diameter
900 µm
Single wire, color
-
Tensile strength short-term/long-term
600 N
Smallest bending radius, fixed installation
30 mm
Smallest bending radius, movable installation
60 mm
Cable, attenuation
2.7 dB/km (at 850 nm); 0.8 dB/km (at 1300 nm)
Halogen-free
complying with IEC 60754-1/2
Flame resistance
yes
FO cable
Number of fibers
2
Fiber type
Multimode
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 70 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 55 °C
Resistance to oil
no
Standards and regulations
Flame resistance
yes
Resistance to oil
no
FOC-ST:A-SC:A-GZ01/... - FO patch cable
1405708
https://www.phoenixcontact.com/us/products/1405708
Oct 6, 2023, 6:02 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com