Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1405708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1405708
Description  FOC-ST:A-SC:A-GZ01/... - FO patch cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1405708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1405708 Datasheet HTML 1Page - PHOENIX CONTACT 1405708 Datasheet HTML 2Page - PHOENIX CONTACT 1405708 Datasheet HTML 3Page - PHOENIX CONTACT 1405708 Datasheet HTML 4Page - PHOENIX CONTACT 1405708 Datasheet HTML 5Page - PHOENIX CONTACT 1405708 Datasheet HTML 6Page - PHOENIX CONTACT 1405708 Datasheet HTML 7Page - PHOENIX CONTACT 1405708 Datasheet HTML 8Page - PHOENIX CONTACT 1405708 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
Data cable preassembled
Number of positions
2
No. of conductors
2
Number of slots
2
Electrical properties
Transmission medium
Multi-mode fiberglass
Transmission speed
1 Gbps
Mechanical properties
Tensile strength short-term/long-term
50 N
Material specifications
Color
orange
Flammability rating according to UL 94
V0
Ferrule material
Zirconia ceramics
Housing material
Plastic
Outer sheath, material
FRNC
Dimensions
External dimensions
External diameter min.
2 mm
External diameter max.
4.2 mm
Mechanical characteristics
Ferrule diameter
2.50 mm
Connector
Connection 1
Type
Plug straight 2x ST
Degree of protection
IP20
Connection 2
Type
Plug straight SC duplex
Degree of protection
IP20
Cable/line
Cable weight
8.30 kg/km
Cable type
Fiberglass
Short symbol
I-V(ZN)H
Cable type
Zip cord
FOC-ST:A-SC:A-GZ01/... - FO patch cable
1405708
https://www.phoenixcontact.com/us/products/1405708
Oct 6, 2023, 6:02 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com