Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3308 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 7 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies BA3308 Datasheet HTML 5Page - Unisonic Technologies BA3308 Datasheet HTML 6Page - Unisonic Technologies BA3308 Datasheet HTML 7Page - Unisonic Technologies BA3308 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UTCBA3308
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
www.unisonic.com.tw
QW-R107-015,A
ELECTRICAL CHARACTERISTIC CURVES
16
2
06
4
4
8
14
10
12
6
2
8
12
Fig.4 Quiescent current vs.power supply voltage
POWER SUPPLY VOLTAGE , Vcc (V)
16
10
0
14
-25
-50
25
0
4
8
100
12
6
2
75
Fig.5 Quiescent current vs.ambient temperature
AMBIENT TEMPERATURE, Ta (℃)
10
0
50
VCC=7V
100
2
0
6
4
40
60
90
10
80
50
30
8
12
Fig.6 Voltage gain vs. power supply voltage
POWER SUPPLY VOLTAGE, Vcc (V)
16
70
20
14
VOUT=300mVrms
f=1kHz
RL=10KΩ
-25
-50
25
0
40
80
100
120
60
20
75
Fig.7 Closed loop voltage gain vs. ambient
temperature
AMBIENT TEMPERATURE, Ta (℃)
100
0
50
Vcc=7V
VOUT=300mVrms
f=1kHz
RL=10kΩ
R5, R6=18kΩ
R5, R6=6.8kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com