Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3308 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 1 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies BA3308 Datasheet HTML 5Page - Unisonic Technologies BA3308 Datasheet HTML 6Page - Unisonic Technologies BA3308 Datasheet HTML 7Page - Unisonic Technologies BA3308 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UTCBA3308
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R107-015,A
DUAL PREAMPLIFIER WITH ALC
DESCRIPTION
The UTC BA3308 is designed to have dual preamplifier
ICs with built – in ALC circuits for use in stereo amplification.
The preamplifiers have high gain and low distortion. A built-in
rectifier for ALC circuit implies good channel balance and
large dynamic range can be constructed with addition of just
an external time constant circuit.
FEATURES
* Wide operating power supply voltage range
(VCC =6.0V ~ 14V)
* Power-on mute circuit to avoid “pop” noise generation.
* No input coupling capacitors are necessary
* High gain (GVO=80dB)and low noise (VNIN=1µVrms)
* Low distortion (THD=0.1%)
* Good ALC channel balance with built-in ALC rectifier diode
* Adjustable ALC dynamic range by external input resistor.
SIP-9
SOP-14
*Pb-free plating product number: BA3308L
BLOCK DIAGRAM
SIP-9
+
-
ch1
123
4
5678
9
NF1
INPUT1 OUTPUT1 GND
ALC
Vcc
OUTPUT2 INPUT2
NF2
ALC
MUTE
ch2
+
-
SOP-14
+
-
+
-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N.C.
N.C.
N.C.
N.C.
N.C.
ALC
Vcc
NF1
INPUT1
INPUT2
OUTPUT1
GND
ALC
VCC
OUTPUT2
NF2


Similar Part No. - BA3308

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
Dual preamplifier with ALC
BA3308 ROHM-BA3308 Datasheet
121Kb / 3P
Monolithic IGs
BA3308 ROHM-BA3308 Datasheet
262Kb / 6P
Pre-amplifier bulit-in ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
179Kb / 4P
DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
172Kb / 8P
Dual preamplifier with ALC
More results

Similar Description - BA3308

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
Dual preamplifier with ALC
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
Dual preamplifier with ALC
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
Dual preamplifier with ALC
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
Dual preamplifier with ALC detector circuit
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
DUAL PREAMPLIFIER WITH ALC
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
250Kb / 7P
DUAL PREAMPLIFIER WITH ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
3V DUAL PREAMPLIFIER WITH ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
DUAL PREAMPLIFIER WITH ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
DUAL PREAMPLIFIER WITH ALC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com