Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC945 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # KSC945
Description  AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KSC945 Datasheet(HTML) 1 Page - Unisonic Technologies

  KSC945 Datasheet HTML 1Page - Unisonic Technologies KSC945 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCKSC945
NPNEPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-060,A
AUDIO FREQUENCY AMPLIFIER
HIGH FREQUENCY OSC NPN
TRANSISTOR
DESCRIPTION
The UTC KSC945 is an audio frequency amplifier high
frequency OSC NPN transistor.
FEATURES
*Collector-Base voltage:
BVCBO=60V
*Collector current up to 150mA
*High hFE linearity
*Complimentary to KSA733
TO-92
1
1:EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Dissipation(Ta=25
°C)
Pc
250
mW
Collector Current
Ic
150
mA
Base Current
IB
50
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic=100
µA, IE=0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA,IB=0
50
V
Collector Cut-Off Current
ICBO
VCB=40V,IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=3V,Ic=0
100
nA
DC Current Gain(note)
hFE
VCE=6V,Ic=1mA
40
700
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=100mA,IB=10mA
0.1
0.3
V
Current Gain Bandwidth Product
fT
VCE=10V,Ic=50mA
100
190
MHz
Output Capacitance
Cob
VCB=10V,IE=0,f=1MHz
2.0
3.0
pF
Noise Figure
NF
Ic=-0.1mA,VCE=6V
RG=10k
Ω,f=100Hz
4.0
6.0
dB


Similar Part No. - KSC945

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC945 SAMSUNG-KSC945 Datasheet
79Kb / 2P
NPN (AUDIO, HIGH FREQUENCY AMPLIFIER, OSC.)
logo
Fairchild Semiconductor
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC
KSC945 FAIRCHILD-KSC945 Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC.
More results

Similar Description - KSC945

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SC1815 UTC-UTC2SC1815 Datasheet
61Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Samsung semiconductor
KSC945 SAMSUNG-KSC945 Datasheet
79Kb / 2P
NPN (AUDIO, HIGH FREQUENCY AMPLIFIER, OSC.)
logo
Fairchild Semiconductor
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC.
logo
Unisonic Technologies
2SC1815 UTC-2SC1815_05 Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC945 UTC-2SC945_09 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815 UTC-2SC1815_11 Datasheet
215Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
MMBT945 UTC-MMBT945 Datasheet
185Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com