Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR2C Datasheet(PDF) 6 Page - Unisonic Technologies

Part # RCR2C
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2C Datasheet(HTML) 6 Page - Unisonic Technologies

  RCR2C Datasheet HTML 1Page - Unisonic Technologies RCR2C Datasheet HTML 2Page - Unisonic Technologies RCR2C Datasheet HTML 3Page - Unisonic Technologies RCR2C Datasheet HTML 4Page - Unisonic Technologies RCR2C Datasheet HTML 5Page - Unisonic Technologies RCR2C Datasheet HTML 6Page - Unisonic Technologies RCR2C Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UTC RCR2C
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R502-026,A
INFRARED APPLICATION CIRCUIT
Receiver (FOSC = 114KHz)
+
100μF
12
3
45
6
7
8
9
10
11
12
13
14
15
16
VDD
VI1
VO2
VI2
GND
SI
OSCI
RIGHT
LX
BACKWARD
FORWARD
TURBO
VO1
OSCO
LEFT
MOD
UCT RCR2C
F = 114KHz
DC:5V
GND
VDD
1815
100K
OUT
57KHz
IR Receiver
TESTING CIRCUIT
The oscillator frequency is 116 ~ 140KHz
TURBOB
SC
FORWARDB
+
100μF
UTC RCT2E
OSCO
OSCI
RIGHTB
LEFTB
1
23
45
6
7
NC
GND BACKWAREB
SO
VDD
PC
NC
9
10
11
12
13
14
8
12
3
4
56
7
8
9
10
11
12
13
14
15
16
VDD
VI1
VO2
VI2
GND SI OSCI
RIGHT
LX
BACKWARD
FORWARD
TURBO
VO1
OSCO
LEFT
MOD
UTC RCR2C
140K
150K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com