Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR2C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR2C
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2C Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR2C Datasheet HTML 1Page - Unisonic Technologies RCR2C Datasheet HTML 2Page - Unisonic Technologies RCR2C Datasheet HTML 3Page - Unisonic Technologies RCR2C Datasheet HTML 4Page - Unisonic Technologies RCR2C Datasheet HTML 5Page - Unisonic Technologies RCR2C Datasheet HTML 6Page - Unisonic Technologies RCR2C Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTC RCR2C
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R502-026,A
DECODER FOR REMOTE
CONTROLLER WITH FIVE
FUNCTIONS
DESCRIPTION
The UTC RCR2C can be used with the encoder
UTC RCT2E to provide a complete control functions to
the remote-controlled toy. The UTC RCR2C is the
receiver. It is provide five function keys to control
forward, Backward, Rightward, Leftward and Turbo
motions. Beside, a combination of these five motions
can be played. And UTC RCR2C provides the
selections of Output Signal Format.
UTC RCR2C provides two high effective amplifiers
and enhancive Signal Input (SI) recognition capacity
for incresing remote control distance.
UTC RCR2C has an internal, selectable DC-DC
converter that makes the application stable, reliable
under lower supply voltage. The input voltage ranges
from 0.8v ~ 3.0V, where VOUT can be set to 3.0V.
Start-up is guaranteed from 1.0V inputs.
FEATURES
* Wide and Low operating voltage range:
1.8V ~ 5.0V(No DC-DC)
1.0V ~ 5.0V(Use DC-DC)
* 5-function output pins for control forward/ backward/
turbo/ right/ left.
* Provide two transmissive interface (RF and IR) for
different application.
* Selectable Output Signal Format through MOD pin
* Internal , Selectable DC-DC converter which need
few external components
* Provide two high effective amplifiers and enhancive
signal enput (SI) recognition capacity for very weak
signal for increasing remote control distance.
* Few external components needed and Oscillator with
an external resistor.
* Low operating current.
* Long distance Remote Control to 100M in UTC
RCT2E and UTC RCR2C pairing.
* Typical oscillator frequency:
RF: 116 ~ 140KHz.
IR: 114KHz(Carrier Frequency: 57KHz).
IR: 76KHz(Carrier Frequency: 38KHz).
DIP-16


Similar Part No. - RCR2C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2CG-D16-T UTC-RCR2CG-D16-T Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2CL-D16-T UTC-RCR2CL-D16-T Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
More results

Similar Description - RCR2C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com