Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM158FKB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM158FKB
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158FKB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM158FKB Datasheet HTML 14Page - Texas Instruments LM158FKB Datasheet HTML 15Page - Texas Instruments LM158FKB Datasheet HTML 16Page - Texas Instruments LM158FKB Datasheet HTML 17Page - Texas Instruments LM158FKB Datasheet HTML 18Page - Texas Instruments LM158FKB Datasheet HTML 19Page - Texas Instruments LM158FKB Datasheet HTML 20Page - Texas Instruments LM158FKB Datasheet HTML 21Page - Texas Instruments LM158FKB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
6.11 Typical Characteristics: LM358B and LM2904B (continued)
This typical characteristics section is applicable for LM358B and LM2904B. Typical characteristics data in this section was
taken with TA = 25°C, VS = 36 V (±18 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted).
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
D001
PSRR+
PSRR-
CMRR
Figure 6-13. CMRR and PSRR vs Frequency
Temperature (°C)
-40
-10
20
50
80
110
130
85
90
95
100
105
110
115
120
DC2_
VS = 36V
VS = 5V
Figure 6-14. Common-Mode Rejection Ratio vs
Temperature (dB)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-123
-122
-121
-120
-119
-118
DC8_
VS = 5 V to 36 V
Figure 6-15. Power Supply Rejection Ratio vs Temperature (dB)
Time (s)
0
1
2
3
4
5
6
7
8
9
10
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
D011
Figure 6-16. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
D010
Figure 6-17. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
-112
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
100
1k
10k
D013
10 k
2 k
G = 1, f = 1 kHz, BW = 80 kHz,
VOUT = 10 VPP, RL connected to V–
Figure 6-18. THD+N Ratio vs Frequency, G = 1
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com