Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM158FKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM158FKB
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158FKB Datasheet(HTML) 1 Page - Texas Instruments

  LM158FKB Datasheet HTML 1Page - Texas Instruments LM158FKB Datasheet HTML 2Page - Texas Instruments LM158FKB Datasheet HTML 3Page - Texas Instruments LM158FKB Datasheet HTML 4Page - Texas Instruments LM158FKB Datasheet HTML 5Page - Texas Instruments LM158FKB Datasheet HTML 6Page - Texas Instruments LM158FKB Datasheet HTML 7Page - Texas Instruments LM158FKB Datasheet HTML 8Page - Texas Instruments LM158FKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Industry-Standard Dual Operational Amplifiers
1 Features
• Wide supply range of 3 V to 36 V (B, BA versions)
• Quiescent current: 300 µA/ch (B, BA versions)
• Unity-gain bandwidth of 1.2 MHz (B, BA versions)
• Common-mode input voltage range includes
ground, enabling direct sensing near ground
• 2-mV input offset voltage max. at 25°C (BA
version)
• 3-mV input offset voltage max. at 25°C (A, B
versions)
• Internal RF and EMI filter (B, BA versions)
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. On
all other products, production processing does not
necessarily include testing of all parameters.
2 Applications
• Merchant network and server power supply units
• Multi-function printers
• Power supplies and mobile chargers
• Motor control: AC induction, brushed DC,
brushless DC, high-voltage, low-voltage,
permanent magnet, and stepper motor
• Desktop PC and motherboard
• Indoor and outdoor air conditioners
• Washers, dryers, and refrigerators
• AC inverters, string inverters, central inverters, and
voltage frequency drives
• Uninterruptible power supplies
• Electronic point-of-sale systems
3 Description
The LM358B and LM2904B devices are the
next-generation versions of the industry-standard
operational amplifiers (op amps) LM358 and LM2904,
which include two high-voltage (36 V) op amps.
These devices provide outstanding value for cost-
sensitive applications, with features including low
offset (300 µV, typical), common-mode input range to
ground, and high differential input voltage capability.
The LM358B and LM2904B op amps simplify circuit
design with enhanced features such as unity-gain
stability, lower offset voltage maximum of 3 mV (2 mV
maximum for LM358BA and LM2904BA), and lower
quiescent current of 300 µA per amplifier (typical).
High ESD (2 kV, HBM) and integrated EMI and RF
filters enable the LM358B and LM2904B devices to be
used in the most rugged, environmentally challenging
applications.
The LM358B and LM2904B amplifiers are available
in micro-sized packaging, such as the SOT23-8, as
well as industry standard packages including SOIC,
TSSOP, and VSSOP.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
LM358B, LM358BA,
LM2904B, LM2904BA,
LM358, LM358A, LM2904,
LM2904V, LM258, LM258A
SOIC (8)
4.90 mm × 3.90 mm
LM358B, LM358BA,
LM2904B, LM2904BA,
LM358, LM358A, LM2904,
LM2490V
TSSOP (8)
3.00 mm × 4.40 mm
LM358B, LM358BA,
LM2904B, LM2904BA,
LM358, LM358A, LM2904,
LM2904V, LM258, LM258A
VSSOP (8)
3.00 mm × 3.00 mm
LM358B, LM358BA,
LM2904B, LM2904BA
SOT-23 (8)
2.90 mm × 1.60 mm
LM358, LM2904
SO (8)
5.20 mm × 5.30 mm
LM358, LM2904, LM358A,
LM258, LM258A
PDIP (8)
9.81 mm × 6.35 mm
LM158, LM158A
CDIP (8)
9.60 mm × 6.67 mm
LM158, LM158A
LCCC (20)
8.89 mm × 8.89 mm
Family Comparison
Specification
LM358B
LM358BA
LM2904B
LM2904BA
LM358
LM358A
LM2904
LM2904V
LM2904AV
LM258
LM258A
LM158
LM158A
Units
Supply voltage
3 to 36
3 to 36
3 to 30
3 to 26
3 to 30
3 to 30
3 to 30
V
Offset voltage (max, 25°C)
± 3
± 2
± 3
± 2
± 7
± 3
± 7
± 7
± 2
± 5
± 3
± 5
± 2
mV
Input bias current (typ / max)
10 / 35
10 / 35
20 / 250
15 / 100
20 / 250
20 / 250
20 / 150
15 / 80
20 / 150
15 / 50
nA
Gain bandwidth product
1.2
1.2
0.7
0.7
0.7
0.7
0.7
MHz
Supply current (typ, per channel)
0.3
0.3
0.35
0.35
0.35
0.35
0.35
mA
ESD (HBM)
2000
2000
500
500
500
500
500
V
Operating ambient temperature
−40 to 85
−40 to 125
0 to 70
−40 to 125
−40 to 125
−25 to 85
−55 to 125
°C
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM158FKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158FKB TI-LM158FKB Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM158FKB TI-LM158FKB Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM158FKB TI1-LM158FKB Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
LM158FKB TI1-LM158FKB Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM158FKB TI1-LM158FKB Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM158FKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158 TI1-LM158_18 Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_19 Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM2904-Q1 TI1-LM2904-Q1_19 Datasheet
1Mb / 28P
industry-standard dual operational amplifiers for automotive applications
LM158 TI1-LM158_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_V02 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358 TI-LM358_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V03 Datasheet
4Mb / 61P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V04 Datasheet
4Mb / 64P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V05 Datasheet
3Mb / 66P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V06 Datasheet
3Mb / 62P
Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com