Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555IPE4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555IPE4
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555IPE4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC555IPE4 Datasheet HTML 17Page - Texas Instruments TLC555IPE4 Datasheet HTML 18Page - Texas Instruments TLC555IPE4 Datasheet HTML 19Page - Texas Instruments TLC555IPE4 Datasheet HTML 20Page - Texas Instruments TLC555IPE4 Datasheet HTML 21Page - Texas Instruments TLC555IPE4 Datasheet HTML 22Page - Texas Instruments TLC555IPE4 Datasheet HTML 23Page - Texas Instruments TLC555IPE4 Datasheet HTML 24Page - Texas Instruments TLC555IPE4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
THRES
GND
C
RA
VDD (5 V to 15 V)
Output
DISCH
OUT
VDD
RESET
TRIG
CONT
Modulation
Input
(see Note A)
Clock
Input
4
8
3
7
6
2
5
1
Time − 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
21
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curve
VDD = 5 V
RA = 1 kΩ
C = 0.1 µF
See Figure 18
Figure 19. Timing Waveforms for Missing-Pulse Detector
8.2.2 Pulse-Width Modulation
The operation of the timer can be modified by modulating the internal threshold and trigger voltages, which is
accomplished by applying an external voltage (or current) to CONT. Figure 20 shows a circuit for pulse-width
modulation. A continuous input pulse train triggers the monostable circuit, and a control signal modulates the
threshold voltage. Figure 21 shows the resulting duty cycle versus control voltage transfer function. Attempting to
run under 10% duty cycle could result in inconsistent output pulses. Attempting to run close to 100% duty cycle
will result in frequency division by 2, then 3, then 4.
A.
The modulating signal can be direct or capacitively coupled to CONT. For direct coupling, consider the effects of
modulation source voltage and impedance on the bias of the timer.
Figure 20. Circuit for Pulse-Width Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com