Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555IPE4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555IPE4
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555IPE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC555IPE4 Datasheet HTML 9Page - Texas Instruments TLC555IPE4 Datasheet HTML 10Page - Texas Instruments TLC555IPE4 Datasheet HTML 11Page - Texas Instruments TLC555IPE4 Datasheet HTML 12Page - Texas Instruments TLC555IPE4 Datasheet HTML 13Page - Texas Instruments TLC555IPE4 Datasheet HTML 14Page - Texas Instruments TLC555IPE4 Datasheet HTML 15Page - Texas Instruments TLC555IPE4 Datasheet HTML 16Page - Texas Instruments TLC555IPE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Control Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.2
0.3
0.5
1
2
3
5
10
20
30
50
100
D007
TPLH VDD = 2V
TPHL VDD = 2V
Control Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
0.2
0.3
0.5
1
2
3
5
10
20
30
50
100
D009
TPLH VDD = 5V
TPHL VDD = 5V
13
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Propagation Delay vs Control Voltage
VDD = 2 V
Figure 8. Propagation Delay vs Control Voltage
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com