Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9549 Datasheet HTML 23Page - Analog Devices AD9549 Datasheet HTML 24Page - Analog Devices AD9549 Datasheet HTML 25Page - Analog Devices AD9549 Datasheet HTML 26Page - Analog Devices AD9549 Datasheet HTML 27Page - Analog Devices AD9549 Datasheet HTML 28Page - Analog Devices AD9549 Datasheet HTML 29Page - Analog Devices AD9549 Datasheet HTML 30Page - Analog Devices AD9549 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 27 of 78
DAC Output
The output of the digital core of the DDS is a time series of
numbers representing a sinusoidal waveform. This series is
translated to an analog signal by means of a digital-to-analog
converter (DAC).
The DAC outputs its signal to two pins driven by a balanced
current source architecture (see DAC output diagram below).
The peak output current derives from the combination of two
factors. The first is a reference current (IDAC_REF) established at
the DAC_RSET pin and the second is a scale factor
programmed into the I/O Register map.
AVDD3
Current
Switch
Array
Current
Switch
Array
IFS
Switch
Control
IFS/2
IFS/2
IOUT
IOUTB
50
AVSS
52
49
CODE
IFS/2 + ICODE
IFS/2 - ICODE
50
50
51
Figure 12: DAC Output Pins
The value of IDAC_REF is set by connecting a resistor (RDAC_REF)
between the DAC_RSET pin and ground. The DAC_RSET pin
is internally connected to a virtual voltage reference of 1.2v
nominal, so the reference current can be calculated by:
REF
DAC
R
REF
DAC
I
_
2
.
1
_
=
NOTE: The recommended value of IDAC_REF is 120µA, which
leads to a recommended value of RDAC_REF of 10kΩ.
The scale factor consists of a 10-bit binary number (FSC)
programmed into the DAC FS Current register in the I/O
Register Map. The full-scale DAC output current (IDAC_FS) is
then given by:
(
)
1024
192
_
_
72
FSC
REF
DAC
FS
DAC
I
I
⋅
+
=
Using the recommended value of RDAC_REF the full-scale DAC
output current can be set with 10-bit granularity over a range of
approximately 8.6mA to 31.7mA.
PHASE DETECTOR
Coarse Phase Detector
The coarse phase detector uses the DAC sample rate (fS) to
determine the edge timing deviation between the REF signal
and the feedback signal generated by the DDS. Hence, fS sets
the timing resolution of the coarse phase detector. At the
recommended rate of fS=1GHz, the coarse phase detector spans
a range of over 131µs (sufficient to accommodate REF signal
frequencies as low as 8 kHz).
The phase gain of the coarse phase detector is controlled via the
I/O Registers by means of two numeric entries. The first is a 3-
bit power-of-2 scale factor, PDS. The second is a 6-bit linear
scale factor, PDG.
( )()
PDG
R
Gain
Phase
PDS
f
f
CPD
R
S
6
2
+
=
Fine Phase Detector
The fine phase detector operates on a divided down version of fS
as its sampling time base. The sample rate of the fine phase
detector is set using a 4-bit word (PFD_Div) in the I/O Register
Map and is given by:
()
Div
PFD
fS
Rate
Sample
Detector
Phase
Fine
_
4
=
The default value of PFD_Div is 5, so for fS=1GHz, the default
sample rate of the fine phase detector is 50MHz. The upper
bound on the maximum allowable input frequency to the phase
detector (fPFD[max]) is 49% of the sample rate, or:
()
Div
PFD
f
PFD
S
f
_
8
[max] =
Therefore, fPFD[max] is 25MHz in the example above.
The fine phase detector uses a proprietary technique to
determine the phase deviation between the REF signal and
feedback signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com