Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW13AF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUW13AF
Description  Silicon diffused power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW13AF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUW13AF Datasheet HTML 2Page - NXP Semiconductors BUW13AF Datasheet HTML 3Page - NXP Semiconductors BUW13AF Datasheet HTML 4Page - NXP Semiconductors BUW13AF Datasheet HTML 5Page - NXP Semiconductors BUW13AF Datasheet HTML 6Page - NXP Semiconductors BUW13AF Datasheet HTML 7Page - NXP Semiconductors BUW13AF Datasheet HTML 8Page - NXP Semiconductors BUW13AF Datasheet HTML 9Page - NXP Semiconductors BUW13AF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Aug 13
6
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13F; BUW13AF
Fig.4 Forward bias SOAR.
Tmb =25 °C.
I - Region of permissible DC operation.
II - Permissible extension for repetitive pulse operation.
(1) Ptot max and Ptot peak max lines.
(2) Second breakdown limits (independent of temperature).
handbook, full pagewidth
MGB929
1
10
1102
103
104
I
VCE (V)
10
10−1
102
10−2
10−4
10−3
IC
(A)
IC max
tp =
20
µs
1 ms
2 ms
5 ms
10 ms
20 ms
DC
ICM max
δ = 0.01
BUW13F
BUW13AF
50
µs
100
µs
200
µs
500
µs
II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com