Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW13AF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BUW13AF
Description  Silicon diffused power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW13AF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUW13AF Datasheet HTML 7Page - NXP Semiconductors BUW13AF Datasheet HTML 8Page - NXP Semiconductors BUW13AF Datasheet HTML 9Page - NXP Semiconductors BUW13AF Datasheet HTML 10Page - NXP Semiconductors BUW13AF Datasheet HTML 11Page - NXP Semiconductors BUW13AF Datasheet HTML 12Page - NXP Semiconductors BUW13AF Datasheet HTML 13Page - NXP Semiconductors BUW13AF Datasheet HTML 14Page - NXP Semiconductors BUW13AF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1997 Aug 13
11
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13F; BUW13AF
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT199
97-06-27
D
m
L
L1
b1
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3 leads (in-line)
SOT199
α
45
°
A
A1
Q
c
Note
1. Terminals in this zone are not tinned.
e1
e
b
w M
1
23
P
E1
q
E
α
UNIT
D
e
q
Q
P
L
c
e1
A
10.9
mm
5.2
4.8
A1
3.4
3.0
b
1.2
1.0
b1
2.1
1.9
0.6
0.5
21.5
20.5
E1
7.8
6.8
E
15.3
14.7
5.45
16.5
15.7
0.4
L1
(1)
3.7
3.3
2.1
1.9
m
0.8
0.6
6.2
5.8
w
3.3
3.1
DIMENSIONS (mm are the original dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com