Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2004AI Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2004AI
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2004AI Datasheet(HTML) 1 Page - Texas Instruments

  ULN2004AI Datasheet HTML 1Page - Texas Instruments ULN2004AI Datasheet HTML 2Page - Texas Instruments ULN2004AI Datasheet HTML 3Page - Texas Instruments ULN2004AI Datasheet HTML 4Page - Texas Instruments ULN2004AI Datasheet HTML 5Page - Texas Instruments ULN2004AI Datasheet HTML 6Page - Texas Instruments ULN2004AI Datasheet HTML 7Page - Texas Instruments ULN2004AI Datasheet HTML 8Page - Texas Instruments ULN2004AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ULN2004AI
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SLRS055 − APRIL 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 500-mA-Rated Collector Current
(Single Output)
D High-Voltage Outputs ...50 V
D Output Clamp Diodes
D Inputs Compatible With Various Types of
Logic
D Relay-Driver Applications
description/ordering information
The ULN2004AI is a high-voltage, high-current
Darlington transistor array. This device consists
of seven npn Darlington pairs that feature
high-voltage outputs with common-cathode clamp diodes for switching inductive loads. The collector-current
rating of a single Darlington pair is 500 mA. The Darlington pairs can be paralleled for higher-current capability.
Applications include relay drivers, hammer drivers, lamp drivers, display drivers (LED and gas discharge), line
drivers, and logic buffers.
The ULN2004AI has a 10.5-k
Ω series base resistor for each Darlington pair for operation directly with TTL or
5-V CMOS devices.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
ULN2004AIN
ULN2004AIN
−40
°C to 105°C
SOIC (D)
Tube of 40
ULN2004AID
ULN2004AI
−40
°C to 105°C
SOIC (D)
Reel of 2500
ULN2004AIDR
ULN2004AI
SOP (NS)
Reel of 2000
ULN2004AINSR
ULN2004AI
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
2B
3B
4B
5B
6B
7B
E
1C
2C
3C
4C
5C
6C
7C
COM
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - ULN2004AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2004AI TI2-ULN2004AI Datasheet
632Kb / 20P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
APRIL 2004
ULN2004AID TI1-ULN2004AID Datasheet
927Kb / 17P
HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
ULN2004AID TI2-ULN2004AID Datasheet
632Kb / 20P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
APRIL 2004
ULN2004AID.A TI2-ULN2004AID.A Datasheet
632Kb / 20P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
APRIL 2004
ULN2004AIDG4 TI1-ULN2004AIDG4 Datasheet
927Kb / 17P
HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
More results

Similar Description - ULN2004AI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com