Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8908/KG/MP1T Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8908/KG/MP1T
Description  5GHZ 첨 8 Fixed Modulus Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8908/KG/MP1T Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8908/KG/MP1T Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SP8908
Preliminary Information
Figure 4 - Typical application and test circuit
j2
j1
j0.5
j0.2
0
2j0.2
2j0.5
2j1
2j2
1
0.5
0.2
j5
2j5
2
5
0·3GHz
3GHz
5GHz
1GHz
Figure 5 - Typical input impedance
1
2
3
4
8
7
6
5
VCC 15V
1n
10n
1n
SIGNAL
GENERATOR
50
50
1n
1n
10n
50
Ω MEASURING
INSTRUMENT
SP8908



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com