Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8908/KG/MP1T Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # SP8908/KG/MP1T
Description  5GHZ 첨 8 Fixed Modulus Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8908/KG/MP1T Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  SP8908/KG/MP1T Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8908/KG/MP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The SP8908 is one of a range of very high speed low
power prescalers for professional applications. The
dividing elements are static D type flip flops and therefore
allow operation down to DC if the drive signal is a pulse
waveform with fast risetime. The output stage has a
differential current output and provides a direct drive into
a 50 ohm load.
Features
•
Very High Operating Speed
•
Operation down to DC with Square Wave Input
•
Silicon Technology for Low Phase Noise
(Typically better than 2140dBc/Hz at 1KHz)
•
5V Single Supply Operation
•
Low Power Dissipation: 360mW (Typ.)
•
Surface Mount Plastic Package
Absolute Maximum Ratings
Supply voltage, VCC
Storage temperature
Maximum junction temperature
Prescaler input voltage
Operating temperature
6·5V
265
°C to 1150°C
1150
°C
2·5Vp-p
KG240
°C to 185°C TCASE
Figure 1 - Block Diagram
48
400
400
VCC
VREF
OUTPUT
VCC
10mA
OUTPUT
OUTPUT
18
7
6
2
3
INPUT
INPUT
44
GND
SP8908 (MP)
5GHZ
÷ 8 Fixed Modulus Divider
Preliminary Information
DS4359
ISSUE 1.3
September 1999
Ordering Information
SP8908/KG/MP1S (tubes)
SP8908/KG/MP1T (tape and reel)


Similar Part No. - SP8908/KG/MP1T

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
SP8908KG MITEL-SP8908KG Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
SP8908KGMP1S MITEL-SP8908KGMP1S Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
SP8908KGMP1T MITEL-SP8908KGMP1T Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
More results

Similar Description - SP8908/KG/MP1T

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
3.3GHz 첨 4 fixed Modulus Divider
SP8808 MITEL-SP8808 Datasheet
93Kb / 5P
3.3GHz 첨 8 Fixed Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
3.3GHZ 첨 32 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
3.3GHz 첨 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com