Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY558 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY558
Description  Damper diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY558 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY558 Datasheet HTML 1Page - NXP Semiconductors BY558 Datasheet HTML 2Page - NXP Semiconductors BY558 Datasheet HTML 3Page - NXP Semiconductors BY558 Datasheet HTML 4Page - NXP Semiconductors BY558 Datasheet HTML 5Page - NXP Semiconductors BY558 Datasheet HTML 6Page - NXP Semiconductors BY558 Datasheet HTML 7Page - NXP Semiconductors BY558 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Jun 25
2
Philips Semiconductors
Product specification
Damper diodes
BY558; BY578
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Also available with preformed leads
for easy insertion
• Designed to withstand transients
up to 1700 V.
APPLICATIONS
• For use in multi-sync monitor
horizontal deflection circuits
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD115) and symbol.
handbook, halfpage
ka
MAM384
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak reverse voltage
BY558
−
1500
V
BY578
−
1700
V
VRRM
repetitive peak reverse voltage
BY558
−
1500
V
BY578
−
1700
V
VR
continuous reverse voltage
−
1400
V
IF(AV)
average forward current
Ttp =65 °C; see Fig.2;
PCB mounting; averaged over any
20 ms period; see Fig.4
−
2.5 A
IFRM
repetitive peak forward current
−
12
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
80
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com