Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY558 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY558
Description  Damper diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY558 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY558 Datasheet HTML 1Page - NXP Semiconductors BY558 Datasheet HTML 2Page - NXP Semiconductors BY558 Datasheet HTML 3Page - NXP Semiconductors BY558 Datasheet HTML 4Page - NXP Semiconductors BY558 Datasheet HTML 5Page - NXP Semiconductors BY558 Datasheet HTML 6Page - NXP Semiconductors BY558 Datasheet HTML 7Page - NXP Semiconductors BY558 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Jun 25
3
Philips Semiconductors
Product specification
Damper diodes
BY558; BY578
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.4.
For more information please refer to the
‘General Part of Handbook SC01’.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 5 A; Tj =Tj max; see Fig.3
−
1.3 V
IF = 5 A; see Fig.3
−
1.7 V
IR
reverse current
VR =VRRMmax; Tj = 150 °C
−
175
µA
trr
reverse recovery time
when switched from IF = 0.5 A to
IR = 1 A; measured at IR = 0.25 A;
see Fig.6
−
250
ns
VFRM
forward recovery voltage
IF = 5 A; dIF/dt = 50 A/µs; see Fig.5
15
20
V
tfr
forward recovery time
IF = 5 A; dIF/dt = 50 A/µs; VF =5V;
see Fig.5
260
350
ns
IF = 5 A; dIF/dt = 50 A/µs; VF =2V;
see Fig.5
700
−
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
20
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
70
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com