Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # S12NH3LL
Description  N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S12NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  S12NH3LL Datasheet HTML 1Page - STMicroelectronics S12NH3LL Datasheet HTML 2Page - STMicroelectronics S12NH3LL Datasheet HTML 3Page - STMicroelectronics S12NH3LL Datasheet HTML 4Page - STMicroelectronics S12NH3LL Datasheet HTML 5Page - STMicroelectronics S12NH3LL Datasheet HTML 6Page - STMicroelectronics S12NH3LL Datasheet HTML 7Page - STMicroelectronics S12NH3LL Datasheet HTML 8Page - STMicroelectronics S12NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2006
Rev 6
1/12
12
STS12NH3LL
N-channel 30V - 0.008
Ω - 12A - SO-8
Ultra low gate charge STripFET™ Power MOSFET
General features
■
Optimal RDS(on) x Qg trade-off @ 4.5V
■
Switching losses reduced
■
Low input capacitance
■
Low threshold device
Description
This series is based on the latest generation of
ST’s proprietary “STripFET™” technology. An
innovative layout enables the device to also
exhibit extremely low gate charge for the most
demanding requirements as high-side switch in
high-frequency DC-DC converters. It’s therefore
ideal for high-density converters in Telecom and
Computer applications.
Applications
■
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STS12NH3LL
30V
<0.0105
Ω
12A
SO-8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STS12NH3LL
S12NH3LL
SO-8
Tape & reel


Similar Part No. - S12NH3LL

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
S12N3W3C HB-S12N3W3C Datasheet
84Kb / 2P
LED
S12N3W6C HB-S12N3W6C Datasheet
86Kb / 2P
LED
logo
STMicroelectronics
S12NF30L STMICROELECTRONICS-S12NF30L Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
logo
HB Electronic Component...
S12NW6C HB-S12NW6C Datasheet
164Kb / 4P
Highest Flux White
More results

Similar Description - S12NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STSJ50NH3LL STMICROELECTRONICS-STSJ50NH3LL Datasheet
683Kb / 13P
N-channel 30V - 0.008ohm - 12A - PowerSO-8 Ultra low gate charge STripFET Power MOSFET
03-Apr-2006
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com