Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12NH3LL Datasheet(PDF) 11 Page - STMicroelectronics

Part # S12NH3LL
Description  N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S12NH3LL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button S12NH3LL Datasheet HTML 4Page - STMicroelectronics S12NH3LL Datasheet HTML 5Page - STMicroelectronics S12NH3LL Datasheet HTML 6Page - STMicroelectronics S12NH3LL Datasheet HTML 7Page - STMicroelectronics S12NH3LL Datasheet HTML 8Page - STMicroelectronics S12NH3LL Datasheet HTML 9Page - STMicroelectronics S12NH3LL Datasheet HTML 10Page - STMicroelectronics S12NH3LL Datasheet HTML 11Page - STMicroelectronics S12NH3LL Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STS12NH3LL
Revision history
11/12
5
Revision history
Table 7.
Revision history
Date
Revision
Changes
22-Jun2004
1
First Release
03-Aug-2004
2
Some value change in Table 1
08-Mar-2005
3
Complete version
17-Mar-2005
4
Ron value change (see Table 3)
23-Jun-2005
5
New Rg value on Table 4
30-Mar-2006
6
New template.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com