Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM800 Datasheet(PDF) 83 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 83 Page - SIMCom

Back Button SIM800 Datasheet HTML 79Page - SIMCom SIM800 Datasheet HTML 80Page - SIMCom SIM800 Datasheet HTML 81Page - SIMCom SIM800 Datasheet HTML 82Page - SIMCom SIM800 Datasheet HTML 83Page - SIMCom SIM800 Datasheet HTML 84Page - SIMCom SIM800 Datasheet HTML 85Page - SIMCom SIM800 Datasheet HTML 86Page - SIMCom SIM800 Datasheet HTML 87Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
83
2015-08-03
+CSCS.
<index1>
Integer type values in the range of location numbers of
phone book memory
<index2>Integer type values in the range of location numbers of phone
book memory
<number>
String type (string should be included in quotation marks)
phone number of format <type>
<type>
Type of address octet in integer format ;
129 Unknown type
145 International number type
<text>
String type (string should be included in quotation marks) field
of maximum length <tlength> in current TE character set specified by
+CSCS.
<nlength>
Integer type value indicating the maximum length of field
<number>
<tlength>
Integer type value indicating the maximum length of field
<text>
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
30 seconds (complete reading of a 250 records full phonebook)
3 seconds(string present in a 250 records full phonebook)
1 second(string not present)
We use the China Mobile sim cards for testing, which produced by Axalto
at 2010 for Shanghai. Use other sim cards may have different results.
Reference
3GPP TS 27.007
[13]
Note
3.2.25 AT+CPBR
Read Current Phonebook Entries
AT+CPBR
Read Current Phonebook Entries
Response
TA returns location range supported by the current storage as a compound
value and the maximum lengths of <number> and <text> fields.
+CPBR: (list of supported <index>s), <nlength>, <tlength>
OK
Test Command
AT+CPBR=?
Parameters
<index>
Location number
<nlength>
Max. length of phone number
<tlength>
Max. length of text for number
Write Command
AT+CPBR=<inde
Response
TA returns phone book entries in location number range <index1>...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com