Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM800 Datasheet(PDF) 90 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 90 Page - SIMCom

Back Button SIM800 Datasheet HTML 86Page - SIMCom SIM800 Datasheet HTML 87Page - SIMCom SIM800 Datasheet HTML 88Page - SIMCom SIM800 Datasheet HTML 89Page - SIMCom SIM800 Datasheet HTML 90Page - SIMCom SIM800 Datasheet HTML 91Page - SIMCom SIM800 Datasheet HTML 92Page - SIMCom SIM800 Datasheet HTML 93Page - SIMCom SIM800 Datasheet HTML 94Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
90
2015-08-03
Parameters
See Write Command
Response
TA controls whether or not the extended format of incoming call
indication is used.
OK
Parameters
<mode>
0 Disable extended format
1 Enable extended format
Omitted Use previous value
Unsolicited Result Code
When enabled, an incoming call is indicated to the TE with unsolicited
result code +CRING: <type> instead of the normal RING.
Write Command
AT+CRC=[<mod
e>]
Parameters
<type>
ASYNC
Asynchronous transparent
SYNC
Synchronous transparent
REL ASYNC Asynchronous non-transparent
REL SYNC
Synchronous non-transparent
FAX
Facsimile
VOICE
Voice
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[13]
Note
3.2.32 AT+CREG
Network Registration
AT+CREG
Network Registration
Response
+CREG: (list of supported <n>s)
OK
Test Command
AT+CREG=?
Parameters
See Write Command
Read Command
AT+CREG?
Response
TA returns the status of result code presentation and an integer <stat>
which shows whether the network has currently indicated the registration
of the ME. Location information elements <lac> and <ci> are returned
only when <n>=2 and ME is registered in the network.
+CREG: <n>,<stat>[,<lac>,<ci>]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com