Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS341APFC Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMDS341APFC Datasheet HTML 10Page - Texas Instruments TMDS341APFC Datasheet HTML 11Page - Texas Instruments TMDS341APFC Datasheet HTML 12Page - Texas Instruments TMDS341APFC Datasheet HTML 13Page - Texas Instruments TMDS341APFC Datasheet HTML 14Page - Texas Instruments TMDS341APFC Datasheet HTML 15Page - Texas Instruments TMDS341APFC Datasheet HTML 16Page - Texas Instruments TMDS341APFC Datasheet HTML 17Page - Texas Instruments TMDS341APFC Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
185
187
189
191
193
195
0
10
20
30
40
50
60
70
T -Free-AirTemperature-C
A
V
= AV
=3.3V,
TP1V
=800mV,R
=4.64K
Input(2:4)2.2
HDMIDataPattern
Input(1)165MHz
CC
CC
ID(PP)
VSADJ
W
5Gbps
Clock
160
170
180
190
200
210
220
230
25
45
65
75
85
105
145
165
f-Frequency-MHz
V
= AV
=3.3V,T =25C,
TP1V
=800mV
,R
=4.64K
PRE=
=Low
Input(2:4)HDMIDataPattern,250Mbps-2.25Gbps
Input(1)Clock,25MHz-165Mhz
CC
CC
ID(PP)
p-p
VSADJ
A
W
OE
0
2
4
6
8
200
250 450 650 750 850 1050 1250 1450 1650
DataRate-Mbps
1mHDMICable
3mHDMICable
5mHDMICable
V
= AV
=3.3V,T =25°C,
TP1V
=800mV,R
=4.64K
PRE=
=Low,Sourcejitter=180ps
CC
CC
ID(PP)
VSADJ
A
W
OE
0
1
2
3
20
25
45
65
75
85
105 125 145 165
ClockFrequency-MHz
5mHDMICable
1mHDMICable
3mHDMICable
V
= AV
=3.3V,T =25°C,
TP1V
=800mV
,R
=4.64K
PRE=
=Low,Sourcejitter=150ps
CC
CC
ID(PP)
p-p
VSADJ
A
W
OE
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
RESIDUAL DETERMINISTIC JITTER
RESIDUAL PEAK-TO-PEAK JITTER
vs
vs
DATA RATE
CLOCK FREQUENCY
Figure 12.
Figure 13.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com