Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS341APFC Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMDS341APFC Datasheet HTML 11Page - Texas Instruments TMDS341APFC Datasheet HTML 12Page - Texas Instruments TMDS341APFC Datasheet HTML 13Page - Texas Instruments TMDS341APFC Datasheet HTML 14Page - Texas Instruments TMDS341APFC Datasheet HTML 15Page - Texas Instruments TMDS341APFC Datasheet HTML 16Page - Texas Instruments TMDS341APFC Datasheet HTML 17Page - Texas Instruments TMDS341APFC Datasheet HTML 18Page - Texas Instruments TMDS341APFC Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
www.ti.com
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
Peak-to-PeakDifferentialInputVoltage-mVp-p
74.25MHz
148.5MHz
150
350
550
750
950
1150
1550
1350
27MHz
V
= AV
=3.3V,T =25°C,
R
=4.64K
PRE=
=Low
CC
CC
VSADJ
A
W,
OE
-3
-2
-1
1
0
2
3
4
5
6
7
8
9
10
150
350
550
750
950 1150 1350
1550
Peak-to-PeakDifferentialInputVoltage-mVp-p
1485Mbps
742.5Mbps
270Mbps
V
= AV
=3.3V,T =25°C,
R
=4.64K
PRE=
=Low
CC
CC
VSADJ
A
W,
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
5
7
11
15
19
FR4PCBTrace-Inch
270Mbps
742.5Mbps
1485Mbps
V
= AV
=3.3V,T =25°C,
TP1V
=800mV,R
=4.64K
PRE=High,
=Low,
5-m28 AWGHDMICable
CC
CC
ID(PP)
VSADJ
A
W
OE
0
0
0.5
2.0
2.5
3.5
4
5
7
11
15
19
FR4PCBTrace-Inch
27MHz
74.25MHz
148.5MHz
V
= AV
=3.3V,T =25°C,
TP1V
=800mV,R
=4.64K
PRE=High,
=Low,5-m28 AWGHDMICable
CC
CC
ID(PP)
VSADJ
A
W
OE
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
RESIDUAL DETERMINISTIC JITTER
RESIDUAL PEAK-TO-PEAK JITTER
vs
vs
DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE
Figure 14.
Figure 15.
RESIDUAL DETERMINISTIC JITTER
RESIDUAL PEAK-TO-PEAK JITTER
vs
vs
FR4 PCB TRACE (at 3dB Pre-Emphasis)
FR4 PCB TRACE (at 3dB Pre-Emphasis)
Figure 16.
Figure 17.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com